PART |
Description |
Maker |
LT3693 LT3693EMSE-PBF LT3693EMSE-TRPBF |
36V, 3.5A, 2.4MHz Step-Down Switching Regulator
|
Linear Technology Corporation
|
LT3480EMSE-TR LT3480IMSE-TR LT3480EDD-PBF LT3480ID |
36V, 2A, 2.4MHz Step-Down Switching Regulator with 70μA Quiescent Current
|
Linear Technology
|
LT3480-15 |
36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
|
Linear Technology
|
LTC3411 LTC3411EMS LTC3411EDD |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO10 1.25A/ 4MHz/ Synchronous Step-Down DC/DC Converter 4MHz, 1.25A Synchronous Step-Down DC/DC Converter 1.25A 4MHz Synchronous Step-Down DC/DC Converter
|
Linear Technology, Corp. LINER[Linear Technology]
|
LT3680EMSEPBF LT3680IMSEPBF LT3680EDDTRPBF |
36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10 36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10 36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LTC3412 |
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator 4MHz, 2.5A Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
AAT1112ITP-0.6-T1 AAT1112IWP-0.6-T1 |
1.5A, 1.4MHz Step-Down Converter
|
Skyworks Solutions Inc.
|
AAT1112IWP-0.6-T1 AAT1112ITP-0.6-T1 AAT1112 |
1.5A, 1.4MHz Step-Down Converter
|
Advanced Analog Technology, Inc. Advanced Analogic Technologies
|
LTC3568EDD |
1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Technology
|